Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8535 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 14Page - NXP Semiconductors PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors PCF8535 Datasheet HTML 19Page - NXP Semiconductors PCF8535 Datasheet HTML 20Page - NXP Semiconductors PCF8535 Datasheet HTML 21Page - NXP Semiconductors PCF8535 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
1999 Aug 24
18
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.15.1.2
Vertical addressing: mirrored; V = 1 and MX = 1
It is also possible to write data from right to left, instead of from the normal left to right, still going top to bottom. In the
mirrored vertical addressing mode the Y counter will auto-increment from 0 to 7 and then wrap around to 0 (see Fig.9).
On each wrap-over, the X counter will decrement to address the preceding column. The XM0 bit will be automatically
toggled each time the X address counter wraps over from 0. The last address accessible is Y = 7, X = 0 and XM0 =0;
after this access the counter will wrap around to Y = 0, X = 4 and XM0 =1.
handbook, full pagewidth
MGS676
byte number
byte order for
icon data
0
XM0 = 1
XM0 = 0
1
2
3
4
5
6
7
8
icon data
.. ..
.. ..
X address
Fig.9 Sequence of writing data bytes into the RAM with mirrored vertical addressing (V = 1 and MX = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52