| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8533 Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 36 page ![]() 1999 Jul 30 11 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8533 Fig.6 Waveforms for the 1 : 3 multiplex drive mode. Vstate1(t)=Vsn(t) − VBP0(t). Von(rms) = 0.638VLCD. Vstate2(t)=Vsn(t) − VBP1(t). Voff(rms) = 0.333VLCD. handbook, full pagewidth MGL748 state 1 BP0 (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 (a) Waveforms at driver. BP2 Sn Sn + 1 Sn + 2 Tframe VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD VSS VLCD 2VLCD/3 VLCD/3 6.4.4 1 : 4 MULTIPLEX DRIVE MODE When four backplanes are provided in the LCD, the 1 : 4 multiplex drive mode applies, as shown in Fig.7. |