| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8533 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 36 page ![]() 1999 Jul 30 9 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8533 6.4.2 1 : 2 MULTIPLEX DRIVE MODE When two backplanes are provided in the LCD, the 1 : 2 multiplex mode applies. The PCF8533 allows the use of 1 ⁄2bias or 1 ⁄3bias in this mode as shown in Figs 4 and 5. Fig.4 Waveforms for the 1 : 2 multiplex drive mode with 1 ⁄2bias. Vstate1(t)=Vsn(t) − VBP0(t). Von(rms) = 0.791VLCD. Vstate2(t)=Vsn(t) − VBP1(t). Voff(rms) = 0.354VLCD. handbook, full pagewidth MGL746 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD/2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD/2 VLCD/2 VLCD/2 −VLCD −VLCD −VLCD/2 −VLCD/2 Sn Sn + 1 Tframe |