| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF5083H/5V2/F3 Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/5V2/F3 Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 136 page ![]() 1996 Oct 29 15 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 3 Selection of the DSP clock DSP_CLK1 DSP_CLK0 DSP CLOCK 0 0 DCLK/2 0 1 26 MHz 1 0 19.5 MHz 1 1 Reserved Fig.5 Clock generator block diagram. handbook, full pagewidth MGE287 PLL MUX 13 MHz 13 MHz CKO CKI DCLK CLKSEL CLK32I CLK13M CLK32K CLK20M CLK32O SEL clock timer core clock DSP core MUX SEL SYSCON_REG RESET RSTP LOCK 39 MHz 52 MHz CRYSTAL OSCILLATOR LOW SWING INPUT BUFFER ÷ 2 32.768 kHz clock DSP and timer core |