Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083H/5V2/F3 Fiches technique(PDF) 97 Page - NXP Semiconductors

No de pièce PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Fiches technique(HTML) 97 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 93Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 94Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 95Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 96Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 97Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 98Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 99Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 100Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
1996 Oct 29
97
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.4.4.5
Initialization messages for Handover mode
Table 75 shows how a handover from TCH/FS to another TCH/FS has to be processed. ‘fnH’ is the first frame transmitted
on the new TCH/FS in Handover mode (handover access burst transmitted in uplink). ‘fnS’ is the first frame processed
in normal mode on the new TCH/FS (normal burst in up link).
Table 75 Initialization procedures for handover mode
Notes
1. Procedures to be started via EXEC_PROC in TDMA frame FN (TCH/FS normal mode).
2. t1s =FNs divided by 26 × 51;
t2s =FNs modulo 26;
t3s =FNs modulo 51.
3. The parameter nb determines the number of normal bursts to be written into the modulator output FIFO in the
initialization frame. It depends on the frame number of the 1st processed frame in accordance with Table 71.
fn
PROCEDURES(1)
NW
RX
TX
MX
.
procedure calls for TCH/FS in normal mode; the correct value for NW must be
looked-up in Table 70.
‘...’
149
156
80
..
....
.
procedure calls for TCH/FS in normal mode; the correct value for NW must be
looked-up in Table 70.
‘...’
149
156
80
.
−
0
149
156
80
fnH − 2
CP_start_TCHFS (enc_flag, dec_flag, t1s, t2s, t3s, kc[4], nb); notes 2 and 3
MP_exec_reset (MOD_OUT_FIFO);
DB_write_register(11, 0x0100, 1); set IO1 = 1
21
000
fnH − 1
procedure calls for TCH/FS in handover mode; the correct value for NWmust
be looked-up in Table 70.
‘...’
0
0
0
fnH
procedure calls for TCH/FS in handover mode; the correct value for NW must
be looked-up in Table 70.
‘...’
149
156
80
.
procedure calls for TCH/FS in handover mode; the correct value for NW must
be looked-up in Table 70.
‘...’
149
156
80
fns − 2
procedure calls for TCH/FS in handover mode
BB_normal_burst (SCRATCH_BUFF,SCRATCH_BUFF, tsc,
nb)MP_write_normal_bursts (SCRATCH_BUFF, nb); note 3
29
149
156
80
fns − 1
procedure calls for TCH/FS in normal mode; the correct value for NW must be
looked-up in Table 70.
‘...’
149
156
80
fns
procedure calls for TCH/FS in normal mode; the correct value for NW must be
looked-up in Table 70.
‘...’
149
156
80