Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD5096 Fiches technique(PDF) 36 Page - NXP Semiconductors

No de pièce PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Fiches technique(HTML) 36 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 32Page - NXP Semiconductors PCD5096 Datasheet HTML 33Page - NXP Semiconductors PCD5096 Datasheet HTML 34Page - NXP Semiconductors PCD5096 Datasheet HTML 35Page - NXP Semiconductors PCD5096 Datasheet HTML 36Page - NXP Semiconductors PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors PCD5096 Datasheet HTML 39Page - NXP Semiconductors PCD5096 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
1997 Jan 22
36
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
13 APPLICATION EXAMPLES
In this chapter some application examples are given to assist users with the programming of the PCD5096
(DSP parameter settings, control register settings and IOM-2 interface programming). Three examples are considered:
a two channel application, a conference call application between one PSTN line and two IOM buffers, and a conference
call application between two PSTN lines and one IOM buffer.
13.1
PCD5096 with two active channels
A typical application for the PCD5096 is depicted in Fig.22. Two handsets (PPa and PPb) are connected through a
PCD5093 and a PCD5096 to two PSTN lines. Tables 35, 36 and 37 show possible settings for the DSP parameters, the
IOM control table and the control registers in the PCD5096.
Note that the chosen values for the IOM pointers, the volume parameters and the frequency parameters depend on the
application. This means that they can differ from the values that are given in this example.
Fig.22 Typical PCD5096 application with two channels.
handbook, full pagewidth
MBH878
PPa, PPb
RADIO
CIRCUIT
IOM-2
LLa
LLb
a/b
a/b
PCD5093
PCD5096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52