Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD5096 Fiches technique(PDF) 35 Page - NXP Semiconductors

No de pièce PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Fiches technique(HTML) 35 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 31Page - NXP Semiconductors PCD5096 Datasheet HTML 32Page - NXP Semiconductors PCD5096 Datasheet HTML 33Page - NXP Semiconductors PCD5096 Datasheet HTML 34Page - NXP Semiconductors PCD5096 Datasheet HTML 35Page - NXP Semiconductors PCD5096 Datasheet HTML 36Page - NXP Semiconductors PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors PCD5096 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
1997 Jan 22
35
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
12.3
DECT and ISDN
The PCD5096 is perfectly suited to extend an ISDN-based DECT base station with analog extension lines. The IOM-2
interface communicates with the S0 interface chip. The host controller can connect via IOM-2 or I2C-bus to the PCD5096.
The two analog interfaces of the PCD5096 can either be used to connect to analog phones/Fax machines, or combine
hands-free and one analog extension.
Fig.21 DECT and ISDN.
handbook, full pagewidth
MBH859
Fax
RADIO
CIRCUIT
PCD5093
IOM
I2C
DSP
PCD5096
IOM
I2C
A
D
A
D
S0 to IOM
S0
ISDN
IOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52