Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD5096 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 30Page - NXP Semiconductors PCD5096 Datasheet HTML 31Page - NXP Semiconductors PCD5096 Datasheet HTML 32Page - NXP Semiconductors PCD5096 Datasheet HTML 33Page - NXP Semiconductors PCD5096 Datasheet HTML 34Page - NXP Semiconductors PCD5096 Datasheet HTML 35Page - NXP Semiconductors PCD5096 Datasheet HTML 36Page - NXP Semiconductors PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
1997 Jan 22
34
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
12.2
Large business systems
For large business systems, local loop and public access systems, several PCD5096 codecs can be connected together
utilizing the serial bus system. A digital cordless base station for large business systems typically consists of a baseband
processor, radio interface and a number of universal codecs interfacing to local lines, PSTN lines and to the local corded
handset/hands-free interface. A diagram of this configuration is shown in Fig.20.
The universal codec can connect to different applications in a typical large business system. They are as follows:
1. PSTN Line Interface
2. Speaker phone with hands-free feature
3. Local Line Interface.
In these applications the additional processing required for conference calling is performed either in the host baseband
processor, or in the universal codecs.
For further details about these three applications consult the
“PCD5096 DSP user manual”.
Fig.20 Large business system.
handbook, full pagewidth
MBH858
DSP
PCD5096
IOM
I2C
2 x
PSTN
Fax
RADIO
CIRCUIT
DTAM
HIGH-END
SYSTEM
PROCESSOR
PPa, PPb
IOM
I2C
A
D
A
D
DSP
PCD5096
IOM
I2C
A
D
A
D
DSP
PCD5096
IOM
I2C
A
D
A
D
DSP
PCD5096
IOM
I2C
A
local
lines
local
lines
D
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52