| Moteur de recherche de fiches techniques de composants électroniques |
|
P83C524IFA Fiches technique(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C524IFA Fiches technique(HTML) 38 Page - NXP Semiconductors |
|
38 / 76 page ![]() 1997 Dec 15 38 Philips Semiconductors Product specification 8-bit microcontrollers P83C524; P80C528; P83C528 14.1 Interrupt Enable Register (IE) Table 21 Interrupt Enable register (address A8H) Table 22 Description of the IE bits 14.2 Interrupt Priority Register (IP) Table 23 Interrupt Priority register (address B8H) 76543210 EA ES1 ET2 ES ET1 EX1 ET0 EX0 BIT SYMBOL FUNCTION 7 EA general enable/disable control: 0= NO interrupt is enabled 1= ANY individually enabled interrupt will be accepted 6 ES1 enable bit-level I2C I/O interrupt 5 ET2 enable Timer 2 interrupt 4 ES enable Serial Port interrupt 3 ET1 enable Timer 1 interrupt 2 EX1 enable External interrupt 1 1 ET0 enable Timer 0 interrupt 0 EX0 enable External interrupt 0 76543210 − PS1 PT2 PS PT1 PX1 PT0 PX0 |