Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P83C524IFA Fiches technique(PDF) 40 Page - NXP Semiconductors

No de pièce P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Fiches technique(HTML) 40 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 36Page - NXP Semiconductors P83C524IFA Datasheet HTML 37Page - NXP Semiconductors P83C524IFA Datasheet HTML 38Page - NXP Semiconductors P83C524IFA Datasheet HTML 39Page - NXP Semiconductors P83C524IFA Datasheet HTML 40Page - NXP Semiconductors P83C524IFA Datasheet HTML 41Page - NXP Semiconductors P83C524IFA Datasheet HTML 42Page - NXP Semiconductors P83C524IFA Datasheet HTML 43Page - NXP Semiconductors P83C524IFA Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
1997 Dec 15
40
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
15 IDLE AND POWER-DOWN OPERATION
Idle mode operation permits the interrupt, serial ports and
timer blocks to function while the CPU is halted. The
following functions remain active during Idle mode. These
functions may generate an interrupt or reset and thus end
the Idle mode:
• Timer 0, Timer 1, Timer 2, Watchdog Timer
• UART, I2C-Interface
• External interrupt
The Power-down operation freezes the oscillator. The
Power-down mode can only be activated by setting the PD
bit in the PCON register (see Fig.20).
Fig.20 Internal Idle and Power-down clock configuration.
handbook, full pagewidth
MBC477 - 1
OSCILLATOR
CLOCK
GENERATOR
interrupts
serial ports
timer blocks
CPU
IDL
PD
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76