Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P83C524IFA Fiches technique(PDF) 52 Page - NXP Semiconductors

No de pièce P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Fiches technique(HTML) 52 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 48Page - NXP Semiconductors P83C524IFA Datasheet HTML 49Page - NXP Semiconductors P83C524IFA Datasheet HTML 50Page - NXP Semiconductors P83C524IFA Datasheet HTML 51Page - NXP Semiconductors P83C524IFA Datasheet HTML 52Page - NXP Semiconductors P83C524IFA Datasheet HTML 53Page - NXP Semiconductors P83C524IFA Datasheet HTML 54Page - NXP Semiconductors P83C524IFA Datasheet HTML 55Page - NXP Semiconductors P83C524IFA Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
1997 Dec 15
52
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
19 LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage range
−0.5
+6.0
V
VI
all input voltages
−0.5
VDD +0.5
V
Ptot
total power dissipation
−
1W
Tstg
storage temperature range
−65
+150
°C
Tamb
operating ambient temperature range:
version xBx
0
+70
°C
version xFx
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76