| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29F080A Fiches technique(PDF) 43 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A Fiches technique(HTML) 43 Page - SPANSION |
|
43 / 44 page ![]() MBM29F080A-55/-70/-90 42 (Continued) 44-pin plastic SOP (FPT-44P-M16) Note 1) *1 : These dimensions include resin protrusion. Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. C 2002 FUJITSU LIMITED F44023S-c-6-6 M 0.13(.005) 1.27(.050) 13.00±0.10 16.00±0.20 (.512±.004) (.630±.008) 1 1.120 –.008 +.010 –0.20 +0.25 28.45 0.10(.004) 22 23 44 –0.07 +0.08 0.42 .017 +.0031 –.0028 INDEX 0~8˚ 0.25(.010) (Mounting height) Details of "A" part 2.35±0.15 (.093±.006) –0.15 +0.10 0.20 .008 +.004 –.006 (Stand off) 0.80±0.20 (.031±.008) 0.88±0.15 (.035±.006) –0.04 +0.03 0.17 .007 +.001 –.002 "A" *1 *2 |