| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29F080A Fiches technique(PDF) 36 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A Fiches technique(HTML) 36 Page - SPANSION |
|
36 / 44 page ![]() MBM29F080A-55/-70/-90 35 (3) Data Polling Algorithm Fail DQ7 = Data? No No DQ7 = Data? DQ5 = 1? Pass Yes Yes No Start Read Byte (DQ0 to DQ7) Addr. = VA Read Byte (DQ0 to DQ7) Addr. = VA Yes Note : DQ7 is rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5. VA = Address for programming = Any of the sector addresses within the sector being erased during sector erase or multiple erases operation. = Any of the sector group addresses within the sector not being protected during sector erase or multiple sector erases operation. |