| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29F080A Fiches technique(PDF) 4 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A Fiches technique(HTML) 4 Page - SPANSION |
|
4 / 44 page ![]() MBM29F080A-55/-70/-90 3 (Continued) • Hardware RESET pin Resets internal state machine to the read mode • Erase Suspend/Resume Supports reading or programming data to a sector not being erased • Sector group protection Hardware method that disables any combination of sector groups from write or erase operation (a sector group consists of 2 adjacent sectors of 64 K bytes each) • Temporary sector groups unprotection Temporary sector unprotection via the RESET pin s s s s PACKAGES 40-pin plastic TSOP(1) (FPT-40P-M06) 40-pin plastic TSOP(1) (FPT-40P-M07) Marking Side Marking Side 48-pin plastic TSOP(1) (FPT-48P-M19) 48-pin plastic TSOP(1) (FPT-48P-M20) Marking Side Marking Side 44-pin plastic SOP (FPT-44P-M16) |