Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS128HE9VKI Fiches technique(PDF) 77 Page - Advanced Micro Devices

No de pièce AM29BDS128HE9VKI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE9VKI Fiches technique(HTML) 77 Page - Advanced Micro Devices

Back Button AM29BDS128HE9VKI Datasheet HTML 73Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 74Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 75Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 76Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 77Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 78Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 79Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 80Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
75
D A TA
SH EE T
AC CHARACTERISTICS
Note: Use setup and hold times from conventional program operation.
Figure 39.
Accelerated Programming Timing
CE#
AVD#
WE#
Addresses
Data
OE#
ACC
Don't Care
Don't Care
A0h
Don't Care
PA
PD
VID
1
μs
VIL or VIH
t
VID
t
VIDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89