Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS128HE9VKI Fiches technique(PDF) 62 Page - Advanced Micro Devices

No de pièce AM29BDS128HE9VKI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE9VKI Fiches technique(HTML) 62 Page - Advanced Micro Devices

Back Button AM29BDS128HE9VKI Datasheet HTML 58Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 59Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 60Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 61Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 62Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 63Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 64Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 65Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
60
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Note: Figure assumes 6 wait states for initial access and synchronous read. The Set Configuration Register command sequence
has been written with A18=0; device will output RDY one cycle before valid data.
Figure 20.
Linear Burst with RDY Set One Cycle Before Data
Da+1
Da
Da+2
Da+3
Da + n
OE#
Data
Addresses
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
6 wait cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
1
2
3
456
tRDYS
tBACC
tACC
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89