| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BDS128HE9VKI Fiches technique(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HE9VKI Fiches technique(HTML) 33 Page - Advanced Micro Devices |
|
33 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 31 D A TA SH EE T Table 13. Am29BDS640H Sector Address Table Bank Sector Sector Size Address Range Bank Sector Sector Size Address Range SA0 4 Kwords 000000h–000FFFh SA36 32 Kwords 0E8000h–0EFFFFh SA1 4 Kwords 001000h–001FFFh SA37 32 Kwords 0F0000h–0F7FFFh SA2 4 Kwords 002000h–002FFFh SA38 32 Kwords 0F8000h–0FFFFFh SA3 4 Kwords 003000h–003FFFh SA39 32 Kwords 100000h–107FFFh SA4 4 Kwords 004000h–004FFFh SA40 32 Kwords 108000h–10FFFFh SA5 4 Kwords 005000h–005FFFh SA41 32 Kwords 110000h–117FFFh SA6 4 Kwords 006000h–006FFFh SA42 32 Kwords 118000h–11FFFFh SA7 4 Kwords 007000h–007FFFh SA43 32 Kwords 120000h–127FFFh SA8 32 Kwords 008000h–00FFFFh SA44 32 Kwords 128000h–12FFFFh SA9 32 Kwords 010000h–017FFFh SA45 32 Kwords 130000h–137FFFh SA10 32 Kwords 018000h–01FFFFh SA46 32 Kwords 138000h–13FFFFh SA11 32 Kwords 020000h–027FFFh SA47 32 Kwords 140000h–147FFFh SA12 32 Kwords 028000h–02FFFFh SA48 32 Kwords 148000h–14FFFFh SA13 32 Kwords 030000h–037FFFh SA49 32 Kwords 150000h–157FFFh SA14 32 Kwords 038000h–03FFFFh SA50 32 Kwords 158000h–15FFFFh SA15 32 Kwords 040000h–047FFFh SA51 32 Kwords 160000h–167FFFh SA16 32 Kwords 048000h–04FFFFh SA52 32 Kwords 168000h–16FFFFh SA17 32 Kwords 050000h–057FFFh SA53 32 Kwords 170000h–177FFFh SA18 32 Kwords 058000h–05FFFFh SA54 32 Kwords 178000h–17FFFFh SA19 32 Kwords 060000h–067FFFh SA55 32 Kwords 180000h–187FFFh SA20 32 Kwords 068000h–06FFFFh SA56 32 Kwords 188000h–18FFFFh SA21 32 Kwords 070000h–077FFFh SA57 32 Kwords 190000h–197FFFh SA22 32 Kwords 078000h–07FFFFh SA58 32 Kwords 198000h–19FFFFh SA23 32 Kwords 080000h–087FFFh SA59 32 Kwords 1A0000h–1A7FFFh SA24 32 Kwords 088000h–08FFFFh SA60 32 Kwords 1A8000h–1AFFFFh SA25 32 Kwords 090000h–097FFFh SA61 32 Kwords 1B0000h–1B7FFFh SA26 32 Kwords 098000h–09FFFFh SA62 32 Kwords 1B8000h–1BFFFFh SA27 32 Kwords 0A0000h–0A7FFFh SA63 32 Kwords 1C0000h–1C7FFFh SA28 32 Kwords 0A8000h–0AFFFFh SA64 32 Kwords 1C8000h–1CFFFFh SA29 32 Kwords 0B0000h–0B7FFFh SA65 32 Kwords 1D0000h–1D7FFFh SA30 32 Kwords 0B8000h–0BFFFFh SA66 32 Kwords 1D8000h–1DFFFFh SA31 32 Kwords 0C0000h–0C7FFFh SA67 32 Kwords 1E0000h–1E7FFFh SA32 32 Kwords 0C8000h–0CFFFFh SA68 32 Kwords 1E8000h–1EFFFFh SA33 32 Kwords 0D0000h–0D7FFFh SA69 32 Kwords 1F0000h–1F7FFFh SA34 32 Kwords 0D8000h–0DFFFFh SA70 32 Kwords 1F8000h–1FFFFFh SA35 32 Kwords 0E0000h–0E7FFFh |