Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL129H Fiches technique(PDF) 13 Page - Advanced Micro Devices

No de pièce AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Fiches technique(HTML) 13 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 9Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 10Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 11Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 12Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 13Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 14Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 15Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 16Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
November 2, 2005
Am29PDL129H
11
Table 4.
Am29PDL129H Sector Architecture
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)
SA1-0
0
1
0000000XXX
32
000000h–007FFFh
SA1-1
0
1
0000001XXX
32
008000h–00FFFFh
SA1-2
0
1
0000010XXX
32
010000h–017FFFh
SA1-3
0
1
0000011XXX
32
018000h–01FFFFh
SA1-4
0
1
0000100XXX
32
020000h–027FFFh
SA1-5
0
1
0000101XXX
32
028000h–02FFFFh
SA1-6
0
1
0000110XXX
32
030000h–037FFFh
SA1-7
0
1
0000111XXX
32
038000h–03FFFFh
SA1-8
0
1
0001000XXX
32
040000h–047FFFh
SA1-9
0
1
0001001XXX
32
048000h–04FFFFh
SA1-10
0
1
0001010XXX
32
050000h–057FFFh
SA1-11
0
1
0001011XXX
32
058000h–05FFFFh
SA1-12
0
1
0001100XXX
32
060000h–067FFFh
SA1-13
0
1
0001101XXX
32
068000h–06FFFFh
SA1-14
0
1
0001110XXX
32
070000h–077FFFh
SA1-15
0
1
0001111XXX
32
078000h–07FFFFh
SA1-16
0
1
0010000XXX
32
080000h–087FFFh
SA1-17
0
1
0010001XXX
32
088000h–08FFFFh
SA1-18
0
1
0010010XXX
32
090000h–097FFFh
SA1-19
0
1
0010011XXX
32
098000h–09FFFFh
SA1-20
0
1
0010100XXX
32
0A0000h–0A7FFFh
SA1-21
0
1
0010101XXX
32
0A8000h–0AFFFFh
SA1-22
0
1
0010110XXX
32
0B0000h–0B7FFFh
SA1-23
0
1
0010111XXX
32
0B8000h–0BFFFFh
SA1-24
0
1
0011000XXX
32
0C0000h–0C7FFFh
SA1-25
0
1
0011001XXX
32
0C8000h–0CFFFFh
SA1-26
0
1
0011010XXX
32
0D0000h–0D7FFFh
SA1-27
0
1
0011011XXX
32
0D8000h–0DFFFFh
SA1-28
0
1
0011100XXX
32
0E0000h–0E7FFFh
SA1-29
0
1
0011101XXX
32
0E8000h–0EFFFFh
SA1-30
0
1
0011110XXX
32
0F0000h–0F7FFFh
SA1-31
0
1
0011111XXX
32
0F8000h–0FFFFFh
SA1-32
0
1
0100000XXX
32
100000h–107FFFh
SA1-33
0
1
0100001XXX
32
108000h–10FFFFh
SA1-34
0
1
0100010XXX
32
110000h–117FFFh
SA1-35
0
1
0100011XXX
32
118000h–11FFFFh
SA1-36
0
1
0100100XXX
32
120000h–127FFFh
SA1-37
0
1
0100101XXX
32
128000h–12FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49