Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL129H Fiches technique(PDF) 43 Page - Advanced Micro Devices

No de pièce AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Fiches technique(HTML) 43 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 39Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 40Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 41Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 42Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 43Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 44Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 45Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 46Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
November 2, 2005
Am29PDL129H
41
AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tVHH
VHH Rise and Fall Time (See Note)
Min
250
ns
tRSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for
Temporary Sector Unprotect
Min
4
µs
RESET#
tVIDR
VID
VIL or VIH
VID
VIL or VIH
CE1# or CE2#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Note: During CE1# transitions, CE2#= VIH; During CE2# transitions, CE1#= VIH
Figure 21.
Temporary Sector Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49