Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL129H Fiches technique(PDF) 19 Page - Advanced Micro Devices

No de pièce AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Fiches technique(HTML) 19 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 15Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 16Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 17Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 18Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 19Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 20Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 21Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 22Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
November 2, 2005
Am29PDL129H
17
SA2-79
1
0
1001000XXX
32
240000h–247FFFh
SA2-80
1
0
1001001XXX
32
248000h–24FFFFh
SA2-81
1
0
1001010XXX
32
250000h–257FFFh
SA2-82
1
0
1001011XXX
32
258000h–25FFFFh
SA2-83
1
0
1001100XXX
32
260000h–267FFFh
SA2-84
1
0
1001101XXX
32
268000h–26FFFFh
SA2-85
1
0
1001110XXX
32
270000h–277FFFh
SA2-86
1
0
1001111XXX
32
278000h–27FFFFh
SA2-87
1
0
1010000XXX
32
280000h–287FFFh
SA2-88
1
0
1010001XXX
32
288000h–28FFFFh
SA2-89
1
0
1010010XXX
32
290000h–297FFFh
SA2-90
1
0
1010011XXX
32
298000h–29FFFFh
SA2-91
1
0
1010100XXX
32
2A0000h–2A7FFFh
SA2-92
1
0
1010101XXX
32
2A8000h–2AFFFFh
SA2-93
1
0
1010110XXX
32
2B0000h–2B7FFFh
SA2-94
1
0
1010111XXX
32
2B8000h–2BFFFFh
SA2-95
1
0
1011000XXX
32
2C0000h–2C7FFFh
SA2-96
1
0
1011001XXX
32
2C8000h–2CFFFFh
SA2-97
1
0
1011010XXX
32
2D0000h–2D7FFFh
SA2-98
1
0
1011011XXX
32
2D8000h–2DFFFFh
SA2-99
1
0
1011100XXX
32
2E0000h–2E7FFFh
SA2-100
1
0
1011101XXX
32
2E8000h–2EFFFFh
SA2-101
1
0
1011110XXX
32
2F0000h–2F7FFFh
SA2-102
1
0
1011111XXX
32
2F8000h–2FFFFFh
SA2-103
1
0
1100000XXX
32
300000h–307FFFh
SA2-104
1
0
1100001XXX
32
308000h–30FFFFh
SA2-105
1
0
1100010XXX
32
310000h–317FFFh
SA2-106
1
0
1100011XXX
32
318000h–31FFFFh
SA2-107
1
0
1100100XXX
32
320000h–327FFFh
SA2-108
1
0
1100101XXX
32
328000h–32FFFFh
SA2-109
1
0
1100110XXX
32
330000h–337FFFh
SA2-110
1
0
1100111XXX
32
338000h–33FFFFh
SA2-111
1
0
1101000XXX
32
340000h–347FFFh
SA2-112
1
0
1101001XXX
32
348000h–34FFFFh
SA2-113
1
0
1101010XXX
32
350000h–357FFFh
SA2-114
1
0
1101011XXX
32
358000h–35FFFFh
SA2-115
1
0
1101100XXX
32
360000h–367FFFh
SA2-116
1
0
1101101XXX
32
368000h–36FFFFh
SA2-117
1
0
1101110XXX
32
370000h–377FFFh
SA2-118
1
0
1101111XXX
32
378000h–37FFFFh
Table 4.
Am29PDL129H Sector Architecture
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49