Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M410000077 Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce M410000077
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000077 Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button M410000077 Datasheet HTML 2Page - Advanced Micro Devices M410000077 Datasheet HTML 3Page - Advanced Micro Devices M410000077 Datasheet HTML 4Page - Advanced Micro Devices M410000077 Datasheet HTML 5Page - Advanced Micro Devices M410000077 Datasheet HTML 6Page - Advanced Micro Devices M410000077 Datasheet HTML 7Page - Advanced Micro Devices M410000077 Datasheet HTML 8Page - Advanced Micro Devices M410000077 Datasheet HTML 9Page - Advanced Micro Devices M410000077 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
May 13, 2002
Am41PDS3224D
5
P R E L IMINARY
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am41PDS3224D
Speed Options
Standard Voltage Range: VCC
= 1.8–2.2 V
Flash Memory
SRAM
10
11
10, 11
Max Access Time (ns)
100
110
70
CE# Access (ns)
100
110
70
OE# Access (ns)
35
40
35
Max Page Address Access Time (ns)
40
45
N/A
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
WP#/ACC
CE2s
SA
CIOs
4 M Bit
Static RAM
32 M Bit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A20 to A0
A0 to A19
A17 to A0
A20 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59