Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M410000077 Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce M410000077
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000077 Fiches technique(HTML) 5 Page - Advanced Micro Devices

  M410000077 Datasheet HTML 1Page - Advanced Micro Devices M410000077 Datasheet HTML 2Page - Advanced Micro Devices M410000077 Datasheet HTML 3Page - Advanced Micro Devices M410000077 Datasheet HTML 4Page - Advanced Micro Devices M410000077 Datasheet HTML 5Page - Advanced Micro Devices M410000077 Datasheet HTML 6Page - Advanced Micro Devices M410000077 Datasheet HTML 7Page - Advanced Micro Devices M410000077 Datasheet HTML 8Page - Advanced Micro Devices M410000077 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
4
Am41PDS3224D
May 13, 2002
P R E L IMINARY
Write Cycle ............................................................................. 52
Figure 30. SRAM Write Cycle—WE# Control ................................. 52
Figure 31. SRAM Write Cycle—CE1#s Control .............................. 53
Figure 32. SRAM Write Cycle—UB#s and LB#s Control ................ 54
Flash Erase And Programming Performance . . 55
Flash Latchup Characteristics . . . . . . . . . . . . . . 55
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 55
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 55
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 56
Figure 33. CE1#s Controlled Data Retention Mode....................... 56
Figure 34. CE2s Controlled Data Retention Mode......................... 56
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 57
FLB073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............. 57
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 58
Revision A (February 18, 2002) .............................................. 58
Revision A+1 (May 13, 2002) ................................................. 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59