Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M410000077 Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce M410000077
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000077 Fiches technique(HTML) 2 Page - Advanced Micro Devices

  M410000077 Datasheet HTML 1Page - Advanced Micro Devices M410000077 Datasheet HTML 2Page - Advanced Micro Devices M410000077 Datasheet HTML 3Page - Advanced Micro Devices M410000077 Datasheet HTML 4Page - Advanced Micro Devices M410000077 Datasheet HTML 5Page - Advanced Micro Devices M410000077 Datasheet HTML 6Page - Advanced Micro Devices M410000077 Datasheet HTML 7Page - Advanced Micro Devices M410000077 Datasheet HTML 8Page - Advanced Micro Devices M410000077 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 26085
Rev: A Amendment/+1
Issue Date: May 13, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am41PDS3224D
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29PDS322D 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation,
Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 1.8 to 2.2 volt
■ High performance
— Access time as fast as 100 ns flash, 70 ns SRAM
■ Package
— 73-Ball FBGA
■ Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank.
— Zero latency between read and write operations
■ Page Mode Operation
— 4 word page allows fast asynchronous reads
■ Dual Bank architecture
— One 4 Mbit bank and one 28 Mbit bank
■ SecSi (Secured Silicon) Sector: Extra 64 KByte sector
— Factory locked and identifiable: 16 byte Electronic Serial
Number available for factory secure, random ID; verifiable
as factory locked through autoselect function. ExpressFlash
option allows entire sector to be available for
factory-secured data
— Customer lockable: Can be read, programmed, or erased
just like other sectors. Once locked, data cannot be changed
■ Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero.
■ Top or bottom boot block
■ Manufactured on 0.23 µm process technology
■ Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Random access time of 100 ns at 1.8 V to 2.2 V V
CC
■ Ultra low power consumption (typical values)
— 2.5 mA active read current at 1 MHz for initial page read
— 24 mA active read current at 10 MHz for initial page read
— 0.5 mA active read current at 10 MHz for intra-page read
— 1 mA active read current at 20 MHz for intra-page read
— 200 nA in standby or automatic sleep mode
■
Minimum 1 million write cycles guaranteed per sector
■
20 year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■
Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
■
Erase Suspend/Erase Resume
■
Data# Polling and Toggle Bits
■
Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
■
Any combination of sectors can be erased
■
Ready/Busy# output (RY/BY#)
■
Hardware reset pin (RESET#)
■
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program timing
■
Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
SRAM Features
■
Power dissipation
— Operating: 2 mA typical
— Standby: 0.5 µA typical
■
CE1s# and CE2s Chip Select
■
Power down features using CE1s# and CE2s
■
Data retention supply voltage: 1.0 to 2.2 volt
■
Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59