Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L160DB90VC Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce L160DB90VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L160DB90VC Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button L160DB90VC Datasheet HTML 44Page - Advanced Micro Devices L160DB90VC Datasheet HTML 45Page - Advanced Micro Devices L160DB90VC Datasheet HTML 46Page - Advanced Micro Devices L160DB90VC Datasheet HTML 47Page - Advanced Micro Devices L160DB90VC Datasheet HTML 48Page - Advanced Micro Devices L160DB90VC Datasheet HTML 49Page - Advanced Micro Devices L160DB90VC Datasheet HTML 50Page - Advanced Micro Devices L160DB90VC Datasheet HTML 51Page - Advanced Micro Devices L160DB90VC Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
50
Am29LV160D
May 5, 2006 22358B7
DA TA
SH EET
REVISION SUMMARY
Revision A (January 1999)
The Am29LV160D is fully form, fit, and function com-
patible with the Am29LV160B device, with the
following differences:
A 70 ns device at full voltage range is now available.
The 80 ns speed option has been deleted.
Byte and word programming times, and byte- and
word-mode chip programming times are now reduced.
At extended temperatures (>+85
°C), sleep and
standby currents increase.
Revision A+1 (April 19, 1999)
Global
Reclassified the document from advance information
to preliminary.
The 70 ns speed option is now also available with the
industrial and extended temperature range ratings.
Revision B (November 23, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision B+1 (February 22, 2000)
Global
Added dash to speed options.
Ordering Information
Added dash to OPN.
Revision B+2 (November 7, 2000)
Global
Deleted Preliminary status from data sheet. Deleted
burn-in option. Added table of contents.
Revision B+3 (November 10, 2000)
Command Definitions
Reset Command: Deleted reference to Figure 14, RE-
SET# Timings, which applies only to hardware reset.
Revision B+4 (April 5, 2004)
Erase/Program Operations
Changed standard parameter tBUSY from Min to Max.
Revision B+5 (June 4, 2004)
Ordering Information
Added Pb-Free OPNs.
Revision B+6 (October 7, 2004)
Cover Sheet and Title Page
Added notation to superseding document.
Revision B7 (May 5, 2006)
Updated migration and obsolescence statement on
cover page and first page of data sheet.
Updated trademarks.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 1999–2006 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52