Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L160DB90VC Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce L160DB90VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L160DB90VC Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button L160DB90VC Datasheet HTML 44Page - Advanced Micro Devices L160DB90VC Datasheet HTML 45Page - Advanced Micro Devices L160DB90VC Datasheet HTML 46Page - Advanced Micro Devices L160DB90VC Datasheet HTML 47Page - Advanced Micro Devices L160DB90VC Datasheet HTML 48Page - Advanced Micro Devices L160DB90VC Datasheet HTML 49Page - Advanced Micro Devices L160DB90VC Datasheet HTML 50Page - Advanced Micro Devices L160DB90VC Datasheet HTML 51Page - Advanced Micro Devices L160DB90VC Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
22358B7 May 5, 2006
Am29LV160D
47
DA TA
SH EET
PHYSICAL DIMENSIONS
TSR048—48-Pin Reverse TSOP
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52