Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L160DB90VC Fiches technique(PDF) 46 Page - Advanced Micro Devices

No de pièce L160DB90VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L160DB90VC Fiches technique(HTML) 46 Page - Advanced Micro Devices

Back Button L160DB90VC Datasheet HTML 42Page - Advanced Micro Devices L160DB90VC Datasheet HTML 43Page - Advanced Micro Devices L160DB90VC Datasheet HTML 44Page - Advanced Micro Devices L160DB90VC Datasheet HTML 45Page - Advanced Micro Devices L160DB90VC Datasheet HTML 46Page - Advanced Micro Devices L160DB90VC Datasheet HTML 47Page - Advanced Micro Devices L160DB90VC Datasheet HTML 48Page - Advanced Micro Devices L160DB90VC Datasheet HTML 49Page - Advanced Micro Devices L160DB90VC Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
44
Am29LV160D
May 5, 2006 22358B7
DA TA
SH EET
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, DOUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
3. Word mode address used as an example.
Figure 24.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52