Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF51802-QFAA-R Fiches technique(PDF) 33 Page - Nordic Semiconductor

No de pièce NRF51802-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R Fiches technique(HTML) 33 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 37Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
Page 33
nRF51802 Product Specification v1.2
6
Absolute maximum ratings
Maximum ratings are the extreme limits the chip can be exposed to without causing permanent damage.
Exposure to absolute maximum ratings for prolonged periods of time may affect the reliability of the chip.
Table 17 specifies the absolute maximum ratings.
Table 17 Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Supply voltages
VDD
-0.3
+3.9
V
DEC2
2V
VSS
0
V
I/O pin voltage
VIO
-0.3
VDD + 0.3
V
Environmental
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model
2
kV
ESD CDM
Charged Device Model
1000
V
Flash memory
Endurance
10 0001
1. Flash endurance is 10,000 erase cycles. The smallest element of flash that can be written is a 32 bit word.
write/erase cycles
Retention
10 years at 40 °C
Number of times an address
can be written between
erase cycles
2
times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85