Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF51802-QFAA-R Fiches technique(PDF) 16 Page - Nordic Semiconductor

No de pièce NRF51802-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R Fiches technique(HTML) 16 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 20Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
Page 16
nRF51802 Product Specification v1.2
3.2
Memory
All memory and registers are found in the same address space as shown in the Device Memory Map, see
Figure 4. Devices in the nRF51 series use flash based memory in the code, FICR, and UICR regions.
The RAM region is SRAM.
Figure 4 Memory Map
The embedded flash memory for program and static data can be programmed using In Application
Programming (IAP) routines from RAM through the SWD interface, or in-system from a program executing
from code area. The Non-Volatile Memory Controller (NVMC) is used for program/erase operations. Regions
of flash memory can be protected from read, write, and erase by the Memory Protection Unit (MPU). A User
Information Configuration Register (UICR) contains the lock byte for enabling readback protection to secure
the IP, while individual block protection is controlled using registers which can only be cleared on chip reset.
reserved
0xFFFFFFFF
Private Peripheral Bus
0xE0100000
reserved
AHB peripherals
0xE0000000
0x50000000
APB peripherals
reserved
RAM
0x40000000
0x20000000
reserved
FICR
reserved
reserved
Code
0x00000000
0x10000000
0x40080000
UICR
reserved
0x10001000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85