Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF51802-QFAA-R Fiches technique(PDF) 63 Page - Nordic Semiconductor

No de pièce NRF51802-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R Fiches technique(HTML) 63 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
Page 63
nRF51802 Product Specification v1.2
9.2
QFN32 package
Figure 15 QFN32 5 x 5 mm package
Table 63 QFN32 dimensions in millimeters
Package
A
A1
A3
b
D, E
D2, E2
e
K
L
QFN32 (5 x 5)
0.80
0.85
0.90
0.00
0.02
0.05
0.20
0.18
0.25
0.30
5.00
3.50
3.60
3.70
0.50
0.20
0.35
0.40
0.45
Min.
Nom.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85