Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL702/704/706 Fiches technique(PDF) 10 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

No de pièce BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Site Internet  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Fiches technique(HTML) 10 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
2
Functional Description
BL702/BL704/BL706 main functions described as follows:
SPI
RISC
32-bit
CPU
ROM
Cache
TCM
UART
Flash Control
DMA Channels
Crypto Engines
Zigbee 3.0
BLE 5.0
USB2.0
QSPI
USB
x8
I2C
PWM
IR-Remote
DAC
ADC
EINT
GPIO
x2
x5
GPIO
eFUSE
SYSRAM
GLB REG
PMU
RTC
Timer x6
RF
Bus
pSRAM
pSRAM (BL704/BL706)
I2S
EMAC
(BL704/BL706)
QDEC
KYS
x3
CAM
(BL706)
Fig. 2.1: System Architecture
BL702/704/706 Datasheet
10/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47