Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL702/704/706 Fiches technique(PDF) 24 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

No de pièce BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Site Internet  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Fiches technique(HTML) 24 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Table 3.2: GPIO Muxed Pins
Pin Name
Flash1
I2S
SPI
(Default
/SWAP=1)
CAM
UART2
(Default
/SWAP=1)
I2C
Master
PWM
Analog
External_PA
JTAG
(Default
/SWAP=1)
Ether_Mac
QDEC
Key_Scan_In
Key_Scan_Drive
IR
PAD_GPIO_22
SF1_IO2
DIO/DO
SS
-
SIG6
/SIG2
SCL
PWM_CH2
IRTX
FEM2
TCK/TMS
RMII_RX_DV
QDEC1_b
ROW6
COL2
IRRX
(ir_rx_gpio_sel=6)
PAD_GPIO_23
SF2_IO2
RCLK_O
/DI
SCLK
PIX_DAT4
SIG7
/SIG3
SDA
PWM_CH3
IRTX
FEM3
TDO/TDI
-
QDEC1_led
ROW7
COL3
IRRX
(ir_rx_gpio_sel=7)
PAD_GPIO_24
SF2_IO1
BCLK
MOSI
/MISO
PIX_DAT5
SIG0
/SIG4
SCL
PWM_CH4
-
FEM4
TMS/TCK
RMII_MDC
QDEC2_a
ROW0
COL4
IRRX
(ir_rx_gpio_sel=8)
PAD_GPIO_25
SF2_CS
FS
MISO
/MOSI
PIX_DAT6
SIG1
/SIG5
SDA
PWM_CH0
-
FEM0
TDI/TDO
RMII_MDIO
QDEC2_b
ROW1
COL5
IRRX
(ir_rx_gpio_sel=9)
PAD_GPIO_26
SF2_IO3
DIO/DO
SS
PIX_DAT7
SIG2
/SIG6
SCL
PWM_CH1
-
FEM1
TCK/TMS
RMII_RXERR
QDEC2_led
ROW2
COL6
IRRX
(ir_rx_gpio_sel=10)
PAD_GPIO_27
SF2_CLK
RCLK_O
/DI
SCLK
-
SIG3
/SIG7
SDA
PWM_CH2
-
FEM2
TDO/TDI
RMII_TX_EN
QDEC0_a
ROW3
COL7
IRRX
(ir_rx_gpio_sel=11)
PAD_GPIO_28
SF2_IO0
BCLK
MOSI
/MISO
PIX_DAT4
SIG4
/SIG0
SCL
PWM_CH3
-
FEM3
TMS/TCK
RMII_RX_DV
QDEC0_b
ROW4
COL8
IRRX
(ir_rx_gpio_sel=12)
PAD_GPIO_29
-
FS
MISO
/MOSI
PIX_DAT5
SIG5
/SIG1
SDA
PWM_CH4
-
FEM4
TDI/TDO
-
QDEC0_led
ROW5
COL9
IRRX
(ir_rx_gpio_sel=13)
PAD_GPIO_30
-
DIO/DO
SS
PIX_DAT6
SIG6
/SIG2
SCL
PWM_CH0
-
FEM0
TCK/TMS
-
QDEC1_a
ROW6
COL10
IRRX
(ir_rx_gpio_sel=14)
PAD_GPIO_31
-
RCLK_O
/DI
SCLK
PIX_DAT7
SIG7
/SIG3
SDA
PWM_CH1
-
FEM1
TDO/TDI
-
QDEC1_b
ROW7
COL11
IRRX
(ir_rx_gpio_sel=15)
1 There are 2 groups of Flash, and the smallest selection unit is group, which is configured according to group when used.
In Dual CS mode, PAD_GPIO_17 can be configured as SF2_CS2 function.
2 The default UART signal mapping table is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47