Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL702/704/706 Fiches technique(PDF) 3 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

No de pièce BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Site Internet  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Fiches technique(HTML) 3 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

  BL702/704/706 Datasheet HTML 1Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 2Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 3Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 4Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 5Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
BL702/704/706 Datasheet
– 15(BL702)/23(BL704)/31(BL706) Flexible GPIOs
(flexible)
• Power Management
– Active CPU
– Idle
– Power Down Sleep (flexible)
– Hibernate
– Off
– Active Rx
– Active Tx
• Clock
– External main clock XTAL 32MHz
– External low power consumption and the RTC
clock XTAL 32/32.768kHz
– Internal RC 32kHz oscillator
– Internal RC 32MHz oscillator
– Internal System PLL
– Internal Audio PLL
BL702/704/706 Datasheet
3/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47