Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD620SQ/883B Fiches technique(PDF) 20 Page - Analog Devices

No de pièce AD620SQ/883B
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD620SQ/883B Fiches technique(HTML) 20 Page - Analog Devices

Back Button AD620SQ/883B Datasheet HTML 12Page - Analog Devices AD620SQ/883B Datasheet HTML 13Page - Analog Devices AD620SQ/883B Datasheet HTML 14Page - Analog Devices AD620SQ/883B Datasheet HTML 15Page - Analog Devices AD620SQ/883B Datasheet HTML 16Page - Analog Devices AD620SQ/883B Datasheet HTML 17Page - Analog Devices AD620SQ/883B Datasheet HTML 18Page - Analog Devices AD620SQ/883B Datasheet HTML 19Page - Analog Devices AD620SQ/883B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD620
Rev. G | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Option1
AD620AN
−40°C to +85°C
N-8
AD620ANZ2
−40°C to +85°C
N-8
AD620BN
−40°C to +85°C
N-8
AD620BNZ2
−40°C to +85°C
N-8
AD620AR
−40°C to +85°C
R-8
AD620ARZ2
−40°C to +85°C
R-8
AD620AR-REEL
−40°C to +85°C
13" REEL
AD620ARZ-REEL2
−40°C to +85°C
13" REEL
AD620AR-REEL7
−40°C to +85°C
7" REEL
AD620ARZ-REEL72
−40°C to +85°C
7" REEL
AD620BR
−40°C to +85°C
R-8
AD620BRZ2
−40°C to +85°C
R-8
AD620BR-REEL
−40°C to +85°C
13" REEL
AD620BRZ-RL2
−40°C to +85°C
13" REEL
AD620BR-REEL7
−40°C to +85°C
7" REEL
AD620BRZ-R72
−40°C to +85°C
7" REEL
AD620ACHIPS
−40°C to +85°C
Die Form
AD620SQ/883B
−55°C to +125°C
Q-8
1 N = Plastic DIP; Q = CERDIP; R = SOIC.
2 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks
and registered trademarks are the property of their respective owners.
C00775–0–12/04(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com