Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD620SQ/883B Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD620SQ/883B
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD620SQ/883B Fiches technique(HTML) 5 Page - Analog Devices

  AD620SQ/883B Datasheet HTML 1Page - Analog Devices AD620SQ/883B Datasheet HTML 2Page - Analog Devices AD620SQ/883B Datasheet HTML 3Page - Analog Devices AD620SQ/883B Datasheet HTML 4Page - Analog Devices AD620SQ/883B Datasheet HTML 5Page - Analog Devices AD620SQ/883B Datasheet HTML 6Page - Analog Devices AD620SQ/883B Datasheet HTML 7Page - Analog Devices AD620SQ/883B Datasheet HTML 8Page - Analog Devices AD620SQ/883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD620
Rev. G | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
650 mW
Input Voltage (Common-Mode)
±VS
Differential Input Voltage
25 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range (Q)
−65°C to +150°C
Storage Temperature Range (N, R)
−65°C to +125°C
Operating Temperature Range
AD620 (A, B)
−40°C to +85°C
AD620 (S)
−55°C to +125°C
Lead Temperature Range
(Soldering 10 seconds)
300°C
1 Specification is for device in free air:
8-Lead Plastic Package: θJA = 95°C
8-Lead CERDIP Package: θJA = 110°C
8-Lead SOIC Package: θJA = 155°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com