Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD620SQ/883B Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD620SQ/883B
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD620SQ/883B Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD620SQ/883B Datasheet HTML 12Page - Analog Devices AD620SQ/883B Datasheet HTML 13Page - Analog Devices AD620SQ/883B Datasheet HTML 14Page - Analog Devices AD620SQ/883B Datasheet HTML 15Page - Analog Devices AD620SQ/883B Datasheet HTML 16Page - Analog Devices AD620SQ/883B Datasheet HTML 17Page - Analog Devices AD620SQ/883B Datasheet HTML 18Page - Analog Devices AD620SQ/883B Datasheet HTML 19Page - Analog Devices AD620SQ/883B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD620
Rev. G | Page 16 of 20
Precision V-I Converter
The AD620, along with another op amp and two resistors,
makes a precision current source (Figure 42). The op amp
buffers the reference terminal to maintain good CMR. The
output voltage, VX, of the AD620 appears across R1, which
converts it to a current. This current, less only the input bias
current of the op amp, then flows out to the load.
AD620
RG
–VS
VIN+
V
IN–
LOAD
R1
I
L
Vx
I =
L
R1
=
IN+
[(V
) – (V
)] G
IN–
R1
6
5
+ V –
X
4
2
1
8
3
7
+VS
AD705
Figure 42. Precision Voltage-to-Current Converter (Operates on 1.8 mA, ±3 V)
GAIN SELECTION
The AD620’s gain is resistor-programmed by RG, or more
precisely, by whatever impedance appears between Pins 1 and 8.
The AD620 is designed to offer accurate gains using 0.1% to 1%
resistors. Table 4 shows required values of RG for various gains.
Note that for G = 1, the RG pins are unconnected (RG = ∞). For
any arbitrary gain, RG can be calculated by using the formula:
1
4
.
49
−
Ω
=
G
k
R
G
To minimize gain error, avoid high parasitic resistance in series
with RG; to minimize gain drift, RG should have a low TC—less
than 10 ppm/°C—for the best performance.
Table 4. Required Values of Gain Resistors
1% Std Table
Value of RG(Ω)
Calculated
Gain
0.1% Std Table
Value of RG(Ω )
Calculated
Gain
49.9 k
1.990
49.3 k
2.002
12.4 k
4.984
12.4 k
4.984
5.49 k
9.998
5.49 k
9.998
2.61 k
19.93
2.61 k
19.93
1.00 k
50.40
1.01 k
49.91
499
100.0
499
100.0
249
199.4
249
199.4
100
495.0
98.8
501.0
49.9
991.0
49.3
1,003.0
INPUT AND OUTPUT OFFSET VOLTAGE
The low errors of the AD620 are attributed to two sources,
input and output errors. The output error is divided by G when
referred to the input. In practice, the input errors dominate at
high gains, and the output errors dominate at low gains. The
total VOS for a given gain is calculated as
Total Error RTI = input error + (output error/G)
Total Error RTO = (input error × G) + output error
REFERENCE TERMINAL
The reference terminal potential defines the zero output voltage
and is especially useful when the load does not share a precise
ground with the rest of the system. It provides a direct means of
injecting a precise offset to the output, with an allowable range
of 2 V within the supply voltages. Parasitic resistance should be
kept to a minimum for optimum CMR.
INPUT PROTECTION
The AD620 features 400 Ω of series thin film resistance at its
inputs and will safely withstand input overloads of up to ±15 V
or ±60 mA for several hours. This is true for all gains and power
on and off, which is particularly important since the signal
source and amplifier may be powered separately. For longer
time periods, the current should not exceed 6 mA
(IIN ≤ VIN/400 Ω). For input overloads beyond the supplies,
clamping the inputs to the supplies (using a low leakage diode
such as an FD333) will reduce the required resistance, yielding
lower noise.
RF INTERFERENCE
All instrumentation amplifiers rectify small out of band signals.
The disturbance may appear as a small dc voltage offset. High
frequency signals can be filtered with a low pass R-C network
placed at the input of the instrumentation amplifier. Figure 43
demonstrates such a configuration. The filter limits the input
signal according to the following relationship:
)
2
(
2
1
C
D
DIFF
C
C
R
FilterFreq
+
π
=
C
CM
RC
FilterFreq
π
=
2
1
where CD ≥10CC.
CD affects the difference signal. CC affects the common-mode
signal. Any mismatch in R × CC will degrade the AD620’s
CMRR. To avoid inadvertently reducing CMRR-bandwidth
performance, make sure that CC is at least one magnitude
smaller than CD. The effect of mismatched CCs is reduced with a
larger CD:CC ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com