| Moteur de recherche de fiches techniques de composants électroniques |
|
GV2AP02 Fiches technique(PDF) 16 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV2AP02 Fiches technique(HTML) 16 Page - Schneider Electric |
|
16 / 48 page ![]() 15 References (continued) Variable speed drives Altivar Machine ATV320 Accessories and replacement parts Presentation: page 4 Dialog, configuration tools: page 16 Combinations: page 22 Dimensions: page 44 VW3A9523 VW3A9524 VW3A9532 VW3A9533 Accessories (continued) UL Type 1 conformity kits Description For use with Reference Weight kg/ lb UL Type 1 conformity kits Mechanical device for attaching to the lower part of the drive. For direct connection of cables to the drive via tubes or cable glands. ATV320U02MpC…U07MpC VW3A95811 0.370/ 0.816 ATV320U11M2C...U22M2C, ATV320U04N4C...U15N4C, ATV320U07S6C, ATV320U15S6C VW3A95812 0.440/ 0.970 ATV320U11M3C...U22M3C VW3A95813 0.480/ 1.058 ATV320U22N4C...U40N4C, ATV320U22S6C, ATV320U40S6C VW3A95814 0.550/ 1.213 ATV320U30M3C...U40M3C VW3A95815 0.580/ 1.279 ATV320U55M3C...U75M3C, ATV320U55S6C, ATV320U75S6C VW3A95816 0.820/ 1.808 ATV320U55N4B, ATV320U75N4B VW3A95817 1.410/ 3.109 ATV320D11M3C...D15M3C, ATV320D11S6C, ATV320D15S6C VW3A95818 1.160/ 2.557 ATV320D11N4B, ATV320D15N4B VW3A95819 1.680/ 3.704 Mounting accessories Description For drives Reference Weight kg / lb EMC conformity kits These provide a connection compliant with EMC standards (for further information, please consult our website www.schneider-electric.com.) The kit consists of: b The EMC plate b Clamps b Fixing accessories ATV320U02M3C, ATV320U04M3C, ATV320U06M3C, ATV320U07M3C VW3A9523 0.170/ 0.374 ATV320U11M3C, ATV320U15M3C, ATV320U22M3C, ATV320U07S6C, ATV320U15S6C VW3A9524 0.190/ 0.418 ATV320U30M3C, ATV320U40M3C, ATV320U22S6C, ATV320U40S6C VW3A9525 0.210/ 0,462 ATV320U55M3C, ATV320U75M3C, ATV320U55S6C, ATV320U75S6C VW3A9532 0.200 0.440 ATV320D11M3C, ATV320D15M3C, ATV320D11S6C, ATV320D15S6C VW3A9533 0.260 0.573 Replacement parts Description For use with Reference Weight kg/ lb Fans Fan for variable speed drive ATV320U11M3C...U40M3C VZ3V1302 – ATV320U11M2C…U22M2C, ATV320U04N4C…U15N4C, ATV320U07S6C, ATV320U15S6C VZ3V303S2001 – ATV320U22N4C…U40N4C, ATV320U22S6C, ATV320U40S6C VZ3V303S3001 – ATV320U02M2B...U07M2B, ATV320U04N4B...U15N4B VZ3V32A100 – ATV320U11M2B...U22M2B, ATV320U22N4B...U40N4B VZ3V32B100 – ATV320U55M3C, ATV320U75M3C, ATV320U55N4B, ATV320U75N4B, ATV320U55S6C, ATV320U75S6C, ATV320D11S6C VZ3V32C100 – ATV320D11M3C, ATV320D15M3C, ATV320D11N4B, ATV320D15N4B, ATV320D15S6C VZ3V32D100 – Other Removable motor power terminal block ATV320U02M2B...U40N4B VY1F32AB1001 – Pluggable fan connector ATV320U02M2B...D15N4B VY1F10007V21 – I/O control card ATV320pppppC VW3A36201 0.200 0.440 |