| Moteur de recherche de fiches techniques de composants électroniques |
|
GV2AP02 Fiches technique(PDF) 11 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV2AP02 Fiches technique(HTML) 11 Page - Schneider Electric |
|
11 / 48 page ![]() 10 The offer (continued) External options b Braking resistors b Line chokes b Motor chokes b Additional EMC filters b Adapter extension module for compact control block drive b Speed monitoring module See pages 26 to 33. Dialog and configuration tools Human-Machine interface The 4-digit display 1 displays drive states, error codes, and parameter values. The navigation button 2 is used to navigate through the menus, modify values, and change the motor speed in local mode. HMI terminals Altivar Machine ATV320 drives can be connected to a graphic display terminal 3, a remote graphic display terminal 4, or a remote display terminal 5, which are available as options. The HMI terminals can be mounted on an enclosure door with IP65 degree of protection. They provide the same level of access as the on-board Human-Machine interface. The HMI terminal display in the majority of user languages, and provide a user- friendly environment for configuration, debugging or maintenance. For more infomrmation, please see pages 16 to 19. SoMove setup software SoMove setup software is used to configure, adjust, debug (using the Oscilloscope function), and maintain Altivar Machine ATV320 drives in the same way as for other Schneider Electric drives and starters. See page 18. For more information, please refer to the SoMove catalog available on our website www.schneider-electric.com. Simple Loader and Multi-Loader configuration tools The Simple Loader tool 7 enables the configuration from one powered-up drive to be duplicated on another powered-up drive. The Multi-Loader tool 6 enables configurations from a PC or drive to be copied and duplicated on another drive; the drives do not need to be powered up. See page 19. Presentation (continued) Variable speed drives Altivar Machine ATV320 References: page 12 ATV320 Dialog and configuration tools 1 2 1 2 3 4 5 6 7 |