| Moteur de recherche de fiches techniques de composants électroniques |
|
GV2AP02 Fiches technique(PDF) 31 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV2AP02 Fiches technique(HTML) 31 Page - Schneider Electric |
|
31 / 48 page ![]() 30 Presentation, references Variable speed drives Altivar Machine ATV320 Option: option module adapter Presentation Altivar Machine ATV320 drives are designed for use with option modules according to machine and application requirements; only one option module can be used with an Altivar Machine ATV320 at a time. The option modules are compatible with all Altivar Machine ATV320 drives (see page 22). The VW3A3600 option module adapter is required to connect an option module to Altivar Machine ATV320 drives with a compact control block. Compact control block An adapter should be added to the Altivar Machine ATV320 drives with compact control block in order to connect communication and speed monitoring modules. 1 Communication adapter card 2 Slot for the communication or speed monitoring module 3 Communication module References Description Reference Weight kg/lb Communication adapter card for ATV320 with compact control block VW3A3600 – Book control block Altivar Machine ATV320 drives with a book control block have been designed to simplify connections to communication buses and networks by means of the following: 4 Integrated RJ45 communication port for Modbus/CANopen on the front 5 Slot for the communication module 6 Communication module Presentation: page 4 Variable speed drives: page 12 Combinations: page 22 Dimensions: page 44 1 2 3 Example of installing a communication module 3 (view of underside) on a drive with compact control block Example of installing a communication module 6 (view of underside) on a drive with book control block 4 5 6 |