Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGS3 Fiches technique(PDF) 44 Page - COSEL CO., LTD.

No de pièce MGS3
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSEL [COSEL CO., LTD.]
Site Internet  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS3 Fiches technique(HTML) 44 Page - COSEL CO., LTD.

Back Button MGS3 Datasheet HTML 38Page - COSEL CO., LTD. MGS3 Datasheet HTML 39Page - COSEL CO., LTD. MGS3 Datasheet HTML 40Page - COSEL CO., LTD. MGS3 Datasheet HTML 41Page - COSEL CO., LTD. MGS3 Datasheet HTML 42Page - COSEL CO., LTD. MGS3 Datasheet HTML 43Page - COSEL CO., LTD. MGS3 Datasheet HTML 44Page - COSEL CO., LTD. MGS3 Datasheet HTML 45Page - COSEL CO., LTD. MGS3 Datasheet HTML 46Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
¿
MGS6/MGW6 (Rated Input Voltage)
¡
In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
¿
MGS10/MGW10 (Rated Input Voltage)
¡
In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
¿
MGFS1R5/MGFW1R5 (Rated Input Voltage)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
A
B
B
C
C
C
12
A
B
C
C
C
C
24
A
B
C
C
C
C
48
A
A
C
C
C
C
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
B
C
(85)
(75)
(1) In the case of Convection Cooling (Reference)
(1) In the case of Convection Cooling (Reference)
(1) In the case of Convection Cooling (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
A
A
A
A
A
A
12
A
A
A
A
A
A
24
A
A
A
A
A
A
48
A
A
A
A
A
A
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
(85)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
A
A
A
A
A
A
12
C
C
C
D
B
B
24
B
C
C
D
B
C
48
B
C
C
D
B
C
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
B
C
D
(85)
(65)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
A
A
A
A
A
A
12
B
B
B
B
B
B
24
B
B
B
B
B
B
48
B
B
B
B
B
B
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
B
(85)
(75)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
MG-44
Derating
MG1R5,MG3,MG6,MG10-series
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com