Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGS3 Fiches technique(PDF) 14 Page - COSEL CO., LTD.

No de pièce MGS3
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSEL [COSEL CO., LTD.]
Site Internet  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS3 Fiches technique(HTML) 14 Page - COSEL CO., LTD.

Back Button MGS3 Datasheet HTML 10Page - COSEL CO., LTD. MGS3 Datasheet HTML 11Page - COSEL CO., LTD. MGS3 Datasheet HTML 12Page - COSEL CO., LTD. MGS3 Datasheet HTML 13Page - COSEL CO., LTD. MGS3 Datasheet HTML 14Page - COSEL CO., LTD. MGS3 Datasheet HTML 15Page - COSEL CO., LTD. MGS3 Datasheet HTML 16Page - COSEL CO., LTD. MGS3 Datasheet HTML 17Page - COSEL CO., LTD. MGS3 Datasheet HTML 18Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MG-14
MGS10
DC-DC Converters PCB Mount Type
MG
S
10
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGS10053R3 MGS100505
MGS100512
MGS100515
MGS10123R3 MGS101205
MGS101212
MGS101215
MAX OUTPUT WATTAGE[W]
8.58
10.0
10.8
10.5
8.58
10.0
10.8
10.5
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
2.6
2.0
0.9
0.7
2.6
2.0
0.9
0.7
SPECIFICATIONS
MODEL
MGS10053R3 MGS100505
MGS100512
MGS100515
MGS10123R3 MGS101205
MGS101212
MGS101215
INPUT
VOLTAGE[V]
DC4.5 - 9 (Surge voltage 12.5V, 100ms max)
DC9 - 18 (Surge voltage 25V, 100ms max)
CURRENT[A]
*1
2.02typ
2.30typ
2.46typ
2.39typ
0.83typ
0.94typ
1.02typ
0.99typ
EFFICIENCY[%]
*1
85typ
87typ
88typ
88typ
87typ
89typ
89typ
89typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
2.6
2.0
0.9
0.7
2.6
2.0
0.9
0.7
LINE REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
Io=30% -
75max
75max
100max
100max
75max
75max
100max
100max
Io=0 - 30% 225max
225max
300max
300max
225max
225max
300max
300max
RIPPLE NOISE[mVp-p]
*2
Io=30% -
120max
120max
150max
150max
120max
120max
150max
150max
Io=0 - 30% 300max
300max
400max
400max
300max
300max
400max
400max
TEMPERATURE
REGULATION[mV]
-20 to +50C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +50C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
MODEL
MGS10243R3 MGS102405
MGS102412
MGS102415
MGS10483R3 MGS104805
MGS104812
MGS104815
MAX OUTPUT WATTAGE[W]
8.58
10.0
10.8
10.5
8.58
10.0
10.8
10.5
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
2.6
2.0
0.9
0.7
2.6
2.0
0.9
0.7
SPECIFICATIONS
MODEL
MGS10243R3 MGS102405
MGS102412
MGS102415
MGS10483R3 MGS104805
MGS104812
MGS104815
INPUT
VOLTAGE[V]
DC18 - 36 (Surge voltage 50V, 100ms max)
DC36 - 76 (Surge voltage 100V, 100ms max)
CURRENT[A]
*1
0.42typ
0.47typ
0.50typ
0.49typ
0.21typ
0.24typ
0.25typ
0.25typ
EFFICIENCY[%]
*1
87typ
89typ
90typ
90typ
87typ
89typ
90typ
90typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
2.6
2.0
0.9
0.7
2.6
2.0
0.9
0.7
LINE REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
Io=30% -
75max
75max
100max
100max
75max
75max
100max
100max
Io=0 - 30% 225max
225max
300max
300max
225max
225max
300max
300max
RIPPLE NOISE[mVp-p]
*2
Io=30% -
120max
120max
150max
150max
120max
120max
150max
150max
Io=0 - 30% 300max
300max
400max
400max
300max
300max
400max
400max
TEMPERATURE
REGULATION[mV]
-20 to +50C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +50C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com