Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGS3 Fiches technique(PDF) 2 Page - COSEL CO., LTD.

No de pièce MGS3
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSEL [COSEL CO., LTD.]
Site Internet  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS3 Fiches technique(HTML) 2 Page - COSEL CO., LTD.

  MGS3 Datasheet HTML 1Page - COSEL CO., LTD. MGS3 Datasheet HTML 2Page - COSEL CO., LTD. MGS3 Datasheet HTML 3Page - COSEL CO., LTD. MGS3 Datasheet HTML 4Page - COSEL CO., LTD. MGS3 Datasheet HTML 5Page - COSEL CO., LTD. MGS3 Datasheet HTML 6Page - COSEL CO., LTD. MGS3 Datasheet HTML 7Page - COSEL CO., LTD. MGS3 Datasheet HTML 8Page - COSEL CO., LTD. MGS3 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MG-2
MGS1R5
DC-DC Converters PCB Mount Type
MG
S
1R5
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGS1R5053R3 MGS1R50505
MGS1R50512
MGS1R50515
MGS1R5123R3 MGS1R51205
MGS1R51212
MGS1R51215
MAX OUTPUT WATTAGE[W]
1.32
1.50
1.56
1.50
1.32
1.50
1.56
1.50
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
0.4
0.3
0.13
0.1
SPECIFICATIONS
MODEL
MGS1R5053R3 MGS1R50505
MGS1R50512
MGS1R50515
MGS1R5123R3 MGS1R51205
MGS1R51212
MGS1R51215
INPUT
VOLTAGE[V]
DC4.5 - 9 (Surge voltage 12.5V, 100ms max)
DC9 - 18 (Surge voltage 25V, 100ms max)
CURRENT[A]
*1
0.33typ
0.37typ
0.37typ
0.36typ
0.14typ
0.15typ
0.16typ
0.15typ
EFFICIENCY[%]
*1
80typ
82typ
85typ
84typ
80typ
83typ
84typ
84typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
0.4
0.3
0.13
0.1
LINE REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +85C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +85C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
MODEL
MGS1R5243R3 MGS1R52405
MGS1R52412
MGS1R52415
MGS1R5483R3 MGS1R54805
MGS1R54812
MGS1R54815
MAX OUTPUT WATTAGE[W]
1.32
1.50
1.56
1.50
1.32
1.50
1.56
1.50
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
0.4
0.3
0.13
0.1
SPECIFICATIONS
MODEL
MGS1R5243R3 MGS1R52405
MGS1R52412
MGS1R52415
MGS1R5483R3 MGS1R54805
MGS1R54812
MGS1R54815
INPUT
VOLTAGE[V]
DC18 - 36 (Surge voltage 50V, 100ms max)
DC36 - 76 (Surge voltage 100V, 100ms max)
CURRENT[A]
*1
0.071typ
0.079typ
0.080typ
0.077typ
0.036typ
0.040typ
0.040typ
0.039typ
EFFICIENCY[%]
*1
78typ
80typ
82typ
82typ
77typ
80typ
82typ
82typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
0.4
0.3
0.13
0.1
LINE REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +85C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +85C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36 14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com