Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M65KA128AL Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 38Page - STMicroelectronics M65KA128AL Datasheet HTML 39Page - STMicroelectronics M65KA128AL Datasheet HTML 40Page - STMicroelectronics M65KA128AL Datasheet HTML 41Page - STMicroelectronics M65KA128AL Datasheet HTML 42Page - STMicroelectronics M65KA128AL Datasheet HTML 43Page - STMicroelectronics M65KA128AL Datasheet HTML 44Page - STMicroelectronics M65KA128AL Datasheet HTML 45Page - STMicroelectronics M65KA128AL Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
DC and AC parameters
M65KA128AL
42/53
Figure 18.
Column Interleaved Write AC Waveforms
1.
Burst Length = 4 Words.
2.
RAa = Address of Row a in Bank A, CAa = Address of Column a in Bank A, DAmn= Data n written to Column m in Bank A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53