Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M65KA128AL Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 26Page - STMicroelectronics M65KA128AL Datasheet HTML 27Page - STMicroelectronics M65KA128AL Datasheet HTML 28Page - STMicroelectronics M65KA128AL Datasheet HTML 29Page - STMicroelectronics M65KA128AL Datasheet HTML 30Page - STMicroelectronics M65KA128AL Datasheet HTML 31Page - STMicroelectronics M65KA128AL Datasheet HTML 32Page - STMicroelectronics M65KA128AL Datasheet HTML 33Page - STMicroelectronics M65KA128AL Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
DC and AC parameters
M65KA128AL
30/53
Figure 6.
Read with Auto Precharge AC Waveforms
1.
Burst Length = 4 Words, Latency = 3 clock cycles.
A10
DQ0-DQ15
K
tCK
Hi-Z
DQN
AI09935c
W
DQN+1
DQN+2
DQN+3
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
KE
E
RAS
CAS
BA0
BA1
Address
LDQM/
UDQM
tCHW
tCLW
tCKS
tCS
tCH
tCKH
tAS
tAH
tRCD
tRAS, tRRD
tRC
Bank/Row Activate
in Bank C
Read with Auto Precharge
from Bank C
Bank/Row Activate
in Bank D
Bank/Row Activate
in Bank C
tAC
tOLZ
tOH
Auto Precharge
Start from Bank C
tOHZ
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53