Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M65KA128AL Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 34Page - STMicroelectronics M65KA128AL Datasheet HTML 35Page - STMicroelectronics M65KA128AL Datasheet HTML 36Page - STMicroelectronics M65KA128AL Datasheet HTML 37Page - STMicroelectronics M65KA128AL Datasheet HTML 38Page - STMicroelectronics M65KA128AL Datasheet HTML 39Page - STMicroelectronics M65KA128AL Datasheet HTML 40Page - STMicroelectronics M65KA128AL Datasheet HTML 41Page - STMicroelectronics M65KA128AL Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
DC and AC parameters
M65KA128AL
38/53
Figure 14.
Mode Register Set AC Waveforms
1.
To program the Extended Mode Register, BA0 and BA1 must be set to ‘0’ and ‘1’ respectively, and A0 to A11 to the
Extended Mode Register Data.
2.
MR Data is the value to be written to the Mode Register.
A10
DQ0-DQ15
K
Hi-Z
AI09948
W
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
KE
E
RAS
CAS
BA0
BA1
Address
LDQM/
UDQM
High
tMRD, 2 Clock Cycles (min)
MR
Data (2)
tRP
Precharge
All Banks
Mode Register
Set
Bank/Row
Activate
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53