Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9826 Fiches technique(PDF) 14 Page - ESS Technology,Inc

No de pièce ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Fiches technique(HTML) 14 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 10Page - ESS Technology,Inc ES9826 Datasheet HTML 11Page - ESS Technology,Inc ES9826 Datasheet HTML 12Page - ESS Technology,Inc ES9826 Datasheet HTML 13Page - ESS Technology,Inc ES9826 Datasheet HTML 14Page - ESS Technology,Inc ES9826 Datasheet HTML 15Page - ESS Technology,Inc ES9826 Datasheet HTML 16Page - ESS Technology,Inc ES9826 Datasheet HTML 17Page - ESS Technology,Inc ES9826 Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
14
Recommended Hardware Mode Setup Sequence
The hardware mode setup sequence is shown below with all hardware pins being defined after CHIP_EN is asserted.
Note: It is recommended that MUTE_CTRL is set low until the HW mode is finalized and after CHIP_EN is asserted, then
asserted last.
CHIP_EN
HW0
HW1
HW2
1ms
MUTE_CTRL
OUT
Figure 3 - Hardware mode startup sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88