Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9826 Fiches technique(PDF) 53 Page - ESS Technology,Inc

No de pièce ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Fiches technique(HTML) 53 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 49Page - ESS Technology,Inc ES9826 Datasheet HTML 50Page - ESS Technology,Inc ES9826 Datasheet HTML 51Page - ESS Technology,Inc ES9826 Datasheet HTML 52Page - ESS Technology,Inc ES9826 Datasheet HTML 53Page - ESS Technology,Inc ES9826 Datasheet HTML 54Page - ESS Technology,Inc ES9826 Datasheet HTML 55Page - ESS Technology,Inc ES9826 Datasheet HTML 56Page - ESS Technology,Inc ES9826 Datasheet HTML 57Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
53
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 12: INTERRUPT MASK
Bits
[7]
[6]
[5:4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
2'b00
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
INT_MASK_CH2_ARE_ENGAGED
Masks the ARE_ENGAGED_CH2 interrupt.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
[6]
INT_MASK_CH1_ARE_ENGAGED
Masks the ARE_ENGAGED_CH1 interrupt.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
[5:4]
RESERVED
NA
[3]
INT_MASK_CH2_PEAK_DET
Masks the PEAK_FLAG interrupt on ADC CH2.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
[2]
INT_MASK_CH1_PEAK_DET
Masks the PEAK_FLAG interrupt on ADC CH1.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
[1]
INT_MASK_CH2_PEAK_LATCH
Masks the latched PEAK_FLAG interrupt on ADC CH2.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
[0]
INT_MASK_CH1_PEAK_LATCH
Masks the latched PEAK_FLAG interrupt on ADC CH1.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt enabled
Register 17-13: S/PDIF CONFIG
Bits
[39:0]
Default
40'd0
Bits
Mnemonic
Description
[39:0]
SPDIF_CS
Configures S/PDIF sub-code bits.
Register 18: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88