Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9826 Fiches technique(PDF) 21 Page - ESS Technology,Inc

No de pièce ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Fiches technique(HTML) 21 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 17Page - ESS Technology,Inc ES9826 Datasheet HTML 18Page - ESS Technology,Inc ES9826 Datasheet HTML 19Page - ESS Technology,Inc ES9826 Datasheet HTML 20Page - ESS Technology,Inc ES9826 Datasheet HTML 21Page - ESS Technology,Inc ES9826 Datasheet HTML 22Page - ESS Technology,Inc ES9826 Datasheet HTML 23Page - ESS Technology,Inc ES9826 Datasheet HTML 24Page - ESS Technology,Inc ES9826 Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
21
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
S/PDIF
S/PDIF output is only available in Master Mode. Register 4[0] MASTER_MODE_ENABLE must be set to 1’b1.
Pin Name
Description
GPIO3/DATA2
HW mode requires for GPIO3/DATA2 pin to be the S/PDIF output.
GPIO3 – GPIO6
SW mode allows for any GPIO to be the S/PDIF output.
Table 12 - S/PDIF pin connections
S/PDIF is transmitted over a single signal line using dual phase encoded data, which allows for clock extraction from the
data signal line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88