Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7343 Fiches technique(PDF) 45 Page - ams AG

No de pièce AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Fiches technique(HTML) 45 Page - ams AG

Back Button AS7343 Datasheet HTML 41Page - ams AG AS7343 Datasheet HTML 42Page - ams AG AS7343 Datasheet HTML 43Page - ams AG AS7343 Datasheet HTML 44Page - ams AG AS7343 Datasheet HTML 45Page - ams AG AS7343 Datasheet HTML 46Page - ams AG AS7343 Datasheet HTML 47Page - ams AG AS7343 Datasheet HTML 48Page - ams AG AS7343 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 45
Addr: 0xCF
PERS
Bit
Bit Name
Default
Access
Bit Description
Defines a filter for the number of consecutive
occurrences that spectral data must remain outside
the threshold range between SP_TH_L and
SP_TH_H before an interrupt is generated. The
spectral data channel used for the persistence filter
is set by SP_TH_CHANNEL. Any sample that is
inside the threshold range resets the counter to 0.
VALUE
CHANNEL
0
Every spectral cycle generates an
interrupt
1
1
2
2
3
3
4
5
5
10
…
5 x (APERS
– 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57