Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7343 Fiches technique(PDF) 20 Page - ams AG

No de pièce AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Fiches technique(HTML) 20 Page - ams AG

Back Button AS7343 Datasheet HTML 16Page - ams AG AS7343 Datasheet HTML 17Page - ams AG AS7343 Datasheet HTML 18Page - ams AG AS7343 Datasheet HTML 19Page - ams AG AS7343 Datasheet HTML 20Page - ams AG AS7343 Datasheet HTML 21Page - ams AG AS7343 Datasheet HTML 22Page - ams AG AS7343 Datasheet HTML 23Page - ams AG AS7343 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Document Feedback
AS7343
I²C Interface
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 20
Symbol
Parameter
Min
Typ
Max
Unit
tSU;STA
Repeated start condition setup time
0.6
tSU;STO
Stop condition setup time
0.6
tLOW
SCL clock low period
1.3
tHIGH
SCL clock high period
0.6
tHD;DAT
Data hold time
0
ns
tSU;DAT
Data setup time
100
tF
Clock/data fall time
300
tR
Clock/data rise time
300
9.5
Timing Diagrams
Figure 19:
I²C Slave Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57