Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7343 Fiches technique(PDF) 56 Page - ams AG

No de pièce AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Fiches technique(HTML) 56 Page - ams AG

Back Button AS7343 Datasheet HTML 49Page - ams AG AS7343 Datasheet HTML 50Page - ams AG AS7343 Datasheet HTML 51Page - ams AG AS7343 Datasheet HTML 52Page - ams AG AS7343 Datasheet HTML 53Page - ams AG AS7343 Datasheet HTML 54Page - ams AG AS7343 Datasheet HTML 55Page - ams AG AS7343 Datasheet HTML 56Page - ams AG AS7343 Datasheet HTML 57Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
Document Feedback
AS7343
Revision Information
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 56
15
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams-OSRAM AG standard
warranty as given in the General Terms of Trade, but these products have
been superseded and should not be used for new designs
Changes from previous version to current revision v6-00
Page
Updated Re_F1, Re_F2 and Re_F8 responsivity parameter under Figure 8
11
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57